|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Photodiode-Chip Preliminary Wavelength range UV-blue-green Type Schottky Contact 11.04.2007 Technology GaP EPC-440-2.5 rev. 03/07 Electrodes P (anode) up 2460 2400 2200 typ. dimensions (m) typ. thickness 300 m anode bond gold 1.0 m cathode gold alloy, 0.5 m Description High spectral sensitivity in the blue and ultraviolet range, low dark currents, low cost chip with high degradation stability Applications special light barriers, sensors for flame control and automation Miscellaneous Parameters Tamb = 25 unless otherwise specified C, Parameter Active area Temperature coefficient of ID Operating temperature range Storage temperature range Test onditions Symbol A TC(ID) Tamb Tstg Value 4.8 7.0 -40 to +125 -40 to +125 Unit mm %/K C C Optical and Electrical Characteristics Tamb = 25 unless otherwise specified C, Test Parameter conditions VR = 5 V Dark current Peak sensitivity wavelength Responsivity at P* Sensitivity range at 1% Spectral bandwidth at 50% Shunt resistance Noise equivalent power Junction capacitance Switching time (RL = 50 ) VR = 0 V VR = 0 V VR = 0 V VR = 0 V VR = 10 mV = 440 nm VR = 0 V VR = 5 V Symbol ID p S min, max 0.5 RD NEP CJ tr , tf 80 <110 180 100 1.3x10 1/60 -14 Min Typ 15 440 0.17 Max 40 Unit pA nm A/W 570 nm nm G W/ Hz pF ns 1000 *Measured on bare chip on TO-18 header Labeling Type EPC-440-2.5 Typ. ID [pA] Typ. S[A/W] Lot N Quantity Packing: Chips on adhesive film with wire-bond side on top Note: All measurements carried out with EPIGAP equipment EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 1 of 2 Photodiode-Chip Preliminary 11.04.2007 EPC-440-2.5 rev. 03/07 Typical responsitivity spectrum 0,1 Responsivity, A/W 0,01 1E-3 100 200 300 400 500 600 Wavelength, nm EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545 2 of 2 |
Price & Availability of EPC-440-25 |